ATS-19F-208-C2-R0
AI

The **ATS-19F-208-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "pushPIN™" line, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
## 1. Technical Specifications
The part number provides specific details about its dimensions, material, and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 6.00mm |
| **Thermal Resistance** | 10.50 °C/W (at 100 LFM) |
| **Attachment Method** | Push Pin (with Spring) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Features
### A. Low Profile Design
With a height of only **6.00mm**, this heat sink is designed for "space-constrained" environments. It is ideal for slim enclosures, blade servers, or portable electronics where vertical clearance is limited.
### B. Fin Geometry
The part utilizes a **straight-fin** or **cross-cut** design (depending on the specific batch variant). This geometry maximizes surface area while allowing air to flow through efficiently, even at low speeds.
### C. Attachment System (pushPIN™)
The "pushPIN™" system consists of a plastic or brass pin and a stainless steel spring.
* **Precision:** Ensures the correct amount of pressure is applied to the chip for optimal heat transfer.
* **Ease of Use:** Allows for quick installation and removal without the need for specialized tools.
* **Stability:** Provides a secure mechanical connection compared to simple adhesive tapes.
---
## 3. Thermal Performance (Estimated)
Thermal resistance indicates how effectively the heat sink dissipates energy. A lower °C/W value is better.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 10.50 |
| 200 | 1.0 | 6.29 |
| 300 | 1.5 | 4.87 |
| 400 | 2.0 | 4.10 |
---
## 4. Typical Applications
This component is commonly found in the following electronic systems:
* **Networking Hardware:** High-speed routers, switches, and modems.
* **Embedded Systems:** Industrial PCs and Single Board Computers (SBCs).
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **FPGA/CPU Cooling:** Passive or active cooling for large-surface-area chips.
---
- ⤷
How do I choose the correct spring tension for the pushPIN system?
- ⤷ Is the T766 thermal interface material conductive or non-conductive?
- ⤷ Can this heat sink be used with a fan for active cooling?