ATS-19F-209-C2-R0
AI

The **ATS-19F-209-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "blue ICE" series. It is specifically designed for cooling electronic components such as CPUs, GPUs, and other high-heat-density integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 6.27°C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Core Electronic/Thermal Features
#### A. pushPIN™ Attachment System
Unlike simple adhesive-based heat sinks, this model uses a **pushPIN™** system.
- **Component Parts:** It consists of a high-tension spring and a plastic or brass pin.
- **Benefit:** It ensures consistent pressure (clamping force) against the component, which is critical for maximizing thermal transfer from the chip to the sink.
#### B. High-Efficiency Fin Design
The "19F" series typically utilizes a **straight-fin or cross-cut design** (depending on specific airflow orientation).
- It is optimized for **forced air** (fan-cooled) environments.
- The 20mm height provides a large surface area for heat dissipation while remaining relatively low-profile for 1U or 2U rack-mount applications.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
- This is a high-performance phase-change or grease-like material that fills microscopic air gaps between the component and the heat sink.
- This eliminates the need for manual application, reducing assembly time and error in production environments.
---
### 3. Application Use Cases
This specific part is frequently used in the following electronic systems:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial PCs:** Cooling embedded processors in fan-driven chassis.
* **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
---
- ⤷
How do I calculate the correct LFM (Linear Feet per Minute) for this heat sink in my enclosure?
- ⤷ What are the alternatives to pushPIN attachment for this size heat sink?
- ⤷ Is the T766 thermal material electrically conductive?