ATS-19F-210-C3-R0
AI

The **ATS-19F-210-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Dimensions (L x W)** | 70.00mm x 70.00mm |
| **Height** | 12.70mm |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 0.80°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### ### Key Electronic & Mechanical Features
#### 1. Thermal Dissipation Performance
The core electronic function of this part is to lower the junction temperature of a semiconductor. With a thermal resistance of approximately **0.80°C/W** under moderate airflow, it is highly efficient at preventing "thermal throttling" or hardware failure in high-speed processors.
#### 2. pushPIN™ Attachment System
Instead of using messy thermal adhesives or tapes that can degrade over time, this part uses a mechanical **Push-Pin** system.
* **Precision:** It ensures even pressure across the electronic chip.
* **Reliability:** The springs are pre-assembled to provide the exact required compression for optimal heat transfer.
#### 3. Material Science (Aluminum & Finish)
* **Aluminum 6063:** Chosen for its excellent balance of thermal conductivity and weight.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly increases surface emissivity for better radiant heat loss.
#### 4. Low Profile Design
At only **12.70mm** in height, this component is designed for "thin" electronic enclosures where vertical space is limited, such as 1U rack servers or compact industrial PCs.
---
### ### Typical Application Circuitry
This heat sink is commonly found protecting:
* **ASICs and FPGAs:** Used in telecommunications and data centers.
* **Power Modules:** High-current DC-DC converters.
* **Embedded Systems:** Industrial motherboards requiring passive or semi-passive cooling.
---
- ⤷
What are the specific hole patterns required on a PCB to mount this heat sink?
- ⤷ How does the 'C3' suffix in the part number affect the thermal performance or material?
- ⤷ Can this heat sink be used with a fan for active cooling?