ATS-19F-29-C3-R0
AI

## Overview of the ATS-19F-29-C3-R0
The **ATS-19F-29-C3-R0** is a high-performance **heat sink** component manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product line, specifically designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 20mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.66°C/W (Unducted Flow @ 200 LFM) |
| **Pressure Drop** | 0.17 in-H2O |
---
### 2. Electronic/Physical Components
While a heat sink is a passive component, its "parts" refer to the structural elements that enable heat dissipation and mounting:
#### A. The Heat Sink Body
* **Fin Geometry:** The part features a specialized **flared fin** design. Unlike standard straight fins, these spread outward to maximize surface area and increase airflow intake.
* **Base Plate:** A flat aluminum surface that makes direct contact with the electronic chip (IC). It is designed to be highly conductive to pull heat away from the silicon die.
#### B. The pushPIN™ Attachment System
This is the mechanical interface that secures the sink to the Printed Circuit Board (PCB). It consists of:
* **Nylon/Plastic Pins:** Used to snap into pre-drilled holes in the PCB.
* **Compression Springs:** These provide a precise amount of **downward pressure** (clamping force). This ensures there is no air gap between the chip and the heat sink.
* **Brass/Plastic Grommets:** Used to provide stability and prevent damage to the PCB.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied Material:** The "C3" in the part number often indicates a specific thermal pad or grease pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic component to lower thermal resistance.
---
### 3. Application Use Cases
This part is typically found in the following electronic systems:
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and high-speed processors that require active or passive cooling to prevent thermal throttling.
---
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How does the pushPIN™ system compare to adhesive thermal tape?
- ⤷ What is the maximum TDP (Thermal Design Power) this heat sink can handle?