ATS-19F-36-C3-R0
AI

The **ATS-19F-36-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Detail |
| :--- | :--- | :--- |
| **Part Number** | ATS-19F-36-C3-R0 | Standard Product Series |
| **Material** | Aluminum | High thermal conductivity |
| **Finish** | Blue Anodized | Corrosion resistance and emissivity |
| **Attachment Method** | pushPIN™ | Spring-loaded mounting system |
| **Dimensions** | 36.83 x 36.83 mm | Footprint size |
| **Height** | 15.00 mm | Low-profile vertical clearance |
| **Thermal Resistance** | ~14.90 °C/W (Unducted) | Varies based on airflow (LFM) |
---
## 2. Key Electronic Components
### The Fin Design
The "F" in the part number indicates a **Fine Pitch** or specific fin geometry. These fins increase the surface area available for heat transfer. In this model, the fins are optimized for both natural convection and forced-air cooling.
### The pushPIN™ Attachment System
Unlike simple adhesive tapes, the **R0** designation typically includes a robust mounting system:
* **Compression Springs:** Provides precise pressure to ensure the thermal interface material (TIM) makes optimal contact with the chip.
* **Plastic/Brass Push Pins:** Designed to lock into pre-drilled holes in the PCB, preventing the heat sink from shifting during vibration or shipping.
### Thermal Interface Material (TIM)
While the heat sink itself is metal, the bottom surface usually comes pre-applied with a high-performance thermal pad or grease (e.g., **ATS-54**), which fills microscopic air gaps between the component and the heat sink.
---
## 3. Thermal Performance Metrics
Thermal performance is measured by how much the temperature rises per watt of power dissipated ($^\circ\text{C/W}$).
| Air Velocity (LFM) | Thermal Resistance ($^\circ\text{C/W}$) |
| :--- | :--- |
| 200 (1.0 m/s) | 5.76 |
| 400 (2.0 m/s) | 3.62 |
| 600 (3.0 m/s) | 2.88 |
---
## 4. Application Use Cases
This specific size (roughly 37mm square) is commonly used for:
* **Northbridge/Southbridge** chipsets on motherboards.
* **FPGA** (Field Programmable Gate Arrays) in industrial controllers.
* **Telecommunications** equipment where space is limited but heat density is high.
- ⤷
What are the specific hole patterns required on a PCB for the pushPIN™ attachment?
- ⤷ How does the 'Blue Anodized' finish affect the thermal radiation properties?
- ⤷ Is there a CAD model or footprint file available for this specific ATS heat sink?