ATS-19F-40-C3-R0
AI

The **ATS-19F-40-C3-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power modules to prevent thermal throttling or failure.
---
## 1. Component Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 14.61°C/W (at 100 LFM) |
| **Dimensions** | 40mm x 40mm |
| **Height** | 15mm |
| **RoHS Status** | Compliant |
---
## 2. Key Design Features
### A. maxiFLOW™ Fin Geometry
The "F" in the part number indicates the maxiFLOW™ design. Unlike standard straight fins, these heat sinks use a tapered fin design that increases the surface area while reducing pressure drop. This allows for maximum airflow efficiency across the component.
### B. pushPIN™ Attachment
The `R0` suffix typically indicates the attachment hardware. This model uses a **pushPIN™** system which includes:
* **Pre-drilled holes:** The heat sink is mounted via two holes in the PCB.
* **Compression Springs:** Provides precise pressure to ensure optimal thermal interface contact.
* **Plastic/Brass Pins:** Secure the unit to the board quickly without complex tools.
### C. Thermal Interface Material (TIM)
This component usually comes with a pre-applied thermal interface material (like **T766**), which fills microscopic air gaps between the heat sink and the electronic chip to improve heat transfer.
---
## 3. Applications
This part is commonly found in environments where space is limited but high heat dissipation is required:
* **Telecommunications:** Network switches and routers.
* **Computing:** Embedded systems and industrial PC motherboards.
* **Power Electronics:** Voltage regulators and high-speed transistors.
---
## 4. Technical Performance Data
Thermal resistance varies based on air velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 14.61 |
| 300 (1.5 m/s) | 7.30 |
| 500 (2.5 m/s) | 5.30 |
- ⤷
What is the difference between the pushPIN and clip-on mounting for this model?
- ⤷ Does this heat sink come with a pre-applied thermal pad?
- ⤷ How do I calculate if the 15mm height will fit in my specific enclosure?