ATS-19F-49-C3-R0
AI

The **ATS-19F-49-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
Below are the primary technical parameters for the ATS-19F-49-C3-R0:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 26.38°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 10mm |
| **Pressure Rating** | Low Profile |
---
## 2. Component Breakdown
### A. Material and Coating
* **Aluminum 6063:** Provides excellent thermal conductivity while remaining lightweight.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization increases surface emissivity, which improves heat dissipation via radiation and protects the metal from corrosion.
### B. Geometry (Straight Fin)
The "Straight Fin" design is optimized for **forced-air cooling** (environments with fans). The parallel fins allow air to flow through the channels with low pressure drop, effectively stripping heat away from the base.
### C. Attachment Mechanism (Push-Pin)
This part uses a **Brass Push-Pin** with a **Steel Spring**.
* **Ease of Assembly:** No tools are required for installation.
* **Reliability:** The spring ensures constant pressure (clamped load) on the electronic component, which is critical for maintaining the integrity of the Thermal Interface Material (TIM) over time.
---
## 3. Performance Data (Airflow)
Thermal performance varies based on the velocity of the air moving across the fins:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 26.38 |
| 400 (2.0 m/s) | 11.60 |
| 600 (3.0 m/s) | 7.10 |
| 800 (4.0 m/s) | 5.40 |
---
## 4. Usage Considerations
When integrating this part into a PCB design, consider the following:
1. **Hole Pattern:** The PCB must have specific pre-drilled holes to accommodate the push-pins.
2. **TIM (Thermal Interface Material):** Always use a thermal pad or paste between the base of the heat sink and the component to eliminate air gaps.
3. **Clearance:** Ensure the 10mm height does not interfere with other components or the enclosure lid.
- ⤷
What are the specific PCB hole dimensions required for the brass push-pins?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ How does this compare to a cross-cut fin design for low-airflow environments?