ATS-19F-76-C1-R0
AI

The **ATS-19F-76-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The following table details the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 25mm x 25mm |
| **Height** | 10mm |
| **Fin Style** | Straight (Fine Pitch) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Key Component Features
#### A. Thermal Performance
The "C1" in the part number indicates a specific thermal resistance profile. This heat sink is optimized for forced air (airflow from a fan) rather than natural convection.
* **Thermal Resistance:** Low resistance value, meaning it transfers heat efficiently from the component to the surrounding air.
#### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this model uses a **pushPIN™** mechanism.
* **Components:** It includes a brass or plastic pin and a high-performance compression spring.
* **Benefit:** Provides consistent pressure across the thermal interface material (TIM), ensuring maximum heat transfer and secure mechanical mounting.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Not just for aesthetics; the anodization protects the aluminum from corrosion and slightly increases emissivity for better radiant heat transfer.
---
### 3. Usage Context
This specific footprint (25mm x 25mm) is commonly used for:
* **Embedded Systems:** Small form-factor industrial PCs.
* **Networking Gear:** Cooling ASICs in switches or routers.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
The part number can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **19:** Series identifier.
* **F:** Fin pitch/type.
* **76:** Specific dimension/geometry code.
* **C1:** Thermal performance/material grade.
* **R0:** Revision code or RoHS compliance indicator.
- ⤷
What is the exact thermal resistance (Celsius/Watt) for this heat sink at specific airflows?
- ⤷ Does this part come with pre-applied thermal interface material (TIM)?
- ⤷ What are the hole diameter requirements for the pushPIN mounting system?