ATS-19F-79-C3-R0
AI

The **ATS-19F-79-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-19F-79-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Flow Orientation** | Vertical or Horizontal (depending on mounting) |
| **Dimensions** | 25mm x 25mm x 30mm |
| **Thermal Resistance** | Approx. 2.63 °C/W (at 200 LFM) |
---
### Key Features and Components
#### 1. Push-Pin Attachment System
This model features the **pushPIN™** mounting system.
- **The Pins:** Plastic or brass pins that lock into pre-drilled holes on the PCB.
- **The Springs:** Compression springs ensure a constant and reliable pressure between the heat sink and the electronic component, which maximizes thermal transfer.
#### 2. Cross-Cut Fin Design
The "F" in the part number often denotes a specific fin pattern. This heat sink uses a **straight fin or cross-cut design** that increases the surface area exposed to the air, allowing for better heat dissipation through convection.
#### 3. Material and Coating
- **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
- **Blue Anodization:** This is not just for aesthetics; the anodized layer provides corrosion resistance and increases surface emissivity, which slightly improves radiative heat transfer.
#### 4. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied **Thermal Interface Material** (like high-performance thermal grease or a pad) on the base. This fills microscopic air gaps between the heat sink and the chip to ensure a low-resistance thermal path.
---
### Application in Electronics
This part is typically found in:
* **Networking Hardware:** Routers, switches, and small-form-factor servers.
* **Embedded Systems:** Industrial PCs where space is limited but vertical clearance allows for a 30mm height.
* **Power Electronics:** Voltage regulators or power modules that generate significant heat in a small footprint.
- ⤷
What are the advantages of push-pin mounting over adhesive tapes for heat sinks?
- ⤷ How does air flow (LFM) impact the thermal resistance of this specific part?
- ⤷ Can this heat sink be used for high-vibration environments like automotive electronics?