ATS-19F-82-C3-R0
AI

The **ATS-19F-82-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics.
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) | |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Attachment Method** | pushPIN™ | Spring-loaded plastic or brass pins |
| **Thermal Resistance** | ~10.00°C/W (undirected) | Varies based on airflow (LFM) |
| **Dimensions (L x W)** | 30mm x 30mm | Small form factor for dense PCBs |
| **Height** | 25mm | Vertical clearance required |
| **Finish** | Blue Anodized | Increases surface area and prevents oxidation |
---
### 2. Key Components & Features
#### A. pushPIN™ Attachment System
This part uses a specific mounting mechanism that consists of:
* **Compression Springs:** Provide the precise "force" needed to ensure the heat sink remains in firm contact with the electronic chip.
* **Push-Pins:** These snap into pre-drilled holes on the PCB (Printed Circuit Board), making installation tool-free and repeatable.
#### B. High-Performance Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that the heat sink comes with a **pre-applied Thermal Interface Material**. This is a pad or paste that fills the microscopic air gaps between the chip and the heat sink base to maximize heat transfer.
#### C. Fin Design
The "19F" series usually features a **Straight-Fin** or **Cross-Cut** geometry. This allows air from a cooling fan to flow through the channels, carrying heat away via convection.
---
### 3. Usage Scenarios
This specific part is commonly found in the following electronic applications:
1. **Telecommunications:** Cooling signal processing chips in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
3. **Power Supplies:** Managing the temperature of MOSFETs or voltage regulators.
---
### 4. Thermal Performance Comparison
*At various Airflow speeds (Measured in Linear Feet per Minute - LFM):*
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | ~10.79 |
| 200 | ~6.64 |
| 300 | ~5.39 |
| 500 | ~4.22 |
- ⤷
What are the PCB hole size requirements for the pushPIN mounting system?
- ⤷ How does the blue anodized finish impact the thermal performance?
- ⤷ Can this heat sink be used with a custom fan attachment?