ATS-19G-06-C2-R0
AI

The **ATS-19G-06-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary technical attributes for this specific model:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 24.90 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Weight** | ~15.0 grams |
---
### 2. Key Features
The ATS-19G-06-C2-R0 utilizes the **pushPIN™** assembly system, which offers several advantages:
* **Pre-installed Thermal Interface Material (TIM):** Typically comes with a high-performance thermal pad or phase-change material applied to the base.
* **Optimal Fin Design:** Uses a square/rectangular fin array designed to provide high surface area while maintaining low pressure drop.
* **Material Construction:** Made from lightweight aluminum for efficient heat conduction and resistance to corrosion via the Blue Anodized finish.
* **Compression Springs:** The push-pin mechanism uses a spring-loaded design to ensure even pressure across the component surface, preventing damage during mounting.
---
### 3. Thermal Performance Analysis
Thermal resistance varies depending on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 24.90 |
| 200 (1.0 m/s) | 12.40 |
| 300 (1.5 m/s) | 8.30 |
| 400 (2.0 m/s) | 6.50 |
---
### 4. Application Use-Cases
* **Embedded Systems:** Ideal for cooling microprocessors in compact industrial boxes.
* **Telecommunications:** Used on PCB boards where space is constrained but high heat dissipation is required.
* **Networking Gear:** Cooling for routers and switches where active airflow is present.
- ⤷
What are the specific hole patterns required on a PCB to mount this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?