ATS-19G-147-C2-R0
AI

The part number **ATS-19G-147-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and high-power chipsets.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Fine Pitch (straight fin) |
| **Material** | Aluminum |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions** | 35mm x 35mm x 10mm |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 13.52°C/W (@ 1.0 m/s airflow) |
---
### 2. Design and Engineering Features
* **Fin Geometry:** It features a **straight-fin** design. This is optimized for high-performance cooling in environments where there is a consistent direction of airflow.
* **Push-Pin Mounting:** The part uses a brass push-pin mechanism with a built-in spring. This ensures:
* **Consistent Pressure:** Uniform force on the chip to maximize heat transfer.
* **Secure Attachment:** Mechanical stability even during vibration or shock.
* **Thermal Interface Material (TIM):** The inclusion of **T766** means the heat sink comes with a pre-applied phase-change material or high-performance pad, reducing the need for manual thermal paste application.
* **Anodized Finish:** The blue anodized coating is not just for aesthetics; it provides surface protection and slightly increases emissivity for better radiative heat loss.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
| Code Segment | Meaning |
|:---|:---|
| **ATS** | Manufacturer Prefix (Advanced Thermal Solutions) |
| **19G** | Series/Mounting Style (Push-Pin type) |
| **147** | Specific Model/Size Profile |
| **C2** | Performance/Material Code (Blue Anodized) |
| **R0** | Revision/Packaging status |
---
### 4. Applications
This electronic part is typically found in:
* **Networking Equipment:** Routers, switches, and firewalls.
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Base stations and signal processing boards.
---
- ⤷
What are the alternative mounting options for this size of heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What is the weight of the ATS-19G-147-C2-R0?