Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-19G-33-C2-R0

  • AI
    The **ATS-19G-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the push-pin attachment series designed for cooling electronic components like CPUs, GPUs, or high-power ASICs. --- ### 1. Technical Specifications The following table highlights the core physical and thermal characteristics of this specific part number: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Brass) | | **Spring Type** | Compression Spring | | **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 20.00mm | | **Fin Style** | Straight Fin | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Breakdown of the Part Number The part number is a coded string that describes the product's configuration: 1. **ATS-19**: Indicates the product series (High-performance heat sink family). 2. **G**: Refers to the specific thermal performance/density category. 3. **33**: Represents the footprint size (approx. 37mm x 37mm). 4. **C2**: Specifies the finish and thermal conductivity rating (Blue Anodized). 5. **R0**: Revision code for the manufacturing process. --- ### 3. Key Electronic Cooling Features * **Heat Dissipation Strategy**: This is a **passive** cooling component. It increases the surface area of a semiconductor device, allowing air (either natural or forced via a fan) to carry heat away more efficiently. * **Push-Pin Attachment**: This mechanism ensures constant pressure on the electronic chip, which is vital for maintaining a solid contact with the thermal interface material (TIM). * **Thermal Interface Material (T766)**: This part comes with a pre-applied phase-change material. When the chip heats up, the material softens to fill microscopic air gaps between the chip and the aluminum, maximizing heat transfer. * **Flow-Hole Pattern**: Designed to minimize pressure drop, making it suitable for systems with directed airflow (like server racks or compact industrial PCs). --- ### 4. Typical Applications The ATS-19G-33-C2-R0 is commonly used in the following electronic environments: * **Network Switches/Routers**: For cooling high-speed processing chips. * **Power Supplies**: Dissipating heat from MOSFETs or voltage regulators. * **Embedded Systems**: Used in industrial computers where vibration resistance (provided by the push-pin) is required. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using a blue anodized finish on a heat sink?
    • ⤷ How do I calculate if this heat sink provides enough cooling for a 15W chip?
    • ⤷ What is the difference between push-pin and adhesive tape mounting for heat sinks?