ATS-19G-40-C2-R0
AI

The **ATS-19G-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 14.56°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB layout and clearance.
* **Length (A):** 45.00 mm
* **Width (B):** 45.00 mm
* **Height (C):** 25.00 mm
* **Pitch (E):** 50.00 mm
* **Pitch (F):** 50.00 mm
* **Weight:** ~50 grams
---
### 3. Key Electronic/Mechanical Features
#### A. pushPIN™ Attachment
Unlike adhesive-based heat sinks, this model uses a **spring-loaded push-pin** system. This provides:
* Consistent pressure across the component for better heat transfer.
* Reliable attachment in high-vibration environments.
* Easy installation through pre-drilled holes in the PCB.
#### B. Fine-Pitch Fin Design
The "G" in the part number indicates a specific fin pattern (Cross-Cut). This geometry increases surface area and allows for multi-directional airflow, making it efficient even in systems where the air direction isn't strictly controlled.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-performance thermal pad/grease that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal impedance.
---
### 4. Typical Applications
This specific size and thermal profile are commonly found in:
1. **Network Switches/Routers:** Cooling ASICs and processors.
2. **Industrial PCs:** Cooling embedded CPUs.
3. **Power Supplies:** Heat dissipation for MOSFETs or IGBTs.
- ⤷
What are the alternative attachment methods if my PCB doesn't have holes for push-pins?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a cooling fan for active thermal management?