ATS-19G-41-C2-R0
AI

The **ATS-19G-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for securing the thermal solution directly to a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The part number encodes specific data regarding its dimensions, thermal performance, and material composition.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-19G-41-C2-R0 |
| **Heat Sink Type** | Push Pin (Spring Loaded) |
| **Dimensions** | 45mm x 45mm |
| **Height (Off Base)** | 22.9mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pins (Brass/Plastic) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Design & Geometry
The design is optimized for **forced air convection** (systems with fans).
* **Fin Style:** It utilizes a **Straight Fin** (or Cross-Cut) pattern. This allows air to flow through the channels, stripping heat away from the aluminum surface area.
* **Base Surface:** The bottom surface is machined flat to ensure maximum contact with the electronic component (CPU, FPGA, or GPU).
* **Attachment Mechanism:** The "Push Pin" system uses a spring-loaded mechanism. This provides a consistent **clamping force**, which is critical for minimizing the thermal resistance between the chip and the heat sink.
---
### 3. Thermal Performance
The efficiency of this part is measured by its **Thermal Resistance** (°C/W). Lower values indicate better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Unducted)** | ~10.02 |
| **200 (Unducted)** | ~4.95 |
| **400 (Unducted)** | ~2.80 |
---
### 4. Application and Use Cases
This specific part is typically found in:
1. **Networking Hardware:** Switches and routers where high-speed processors generate significant heat.
2. **Embedded Systems:** Industrial PCs or controllers.
3. **Telecommunications:** Base station components.
4. **Power Electronics:** Cooling MOSFETs or power modules.
### 5. Material & Regulatory Compliance
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides corrosion resistance and slightly increases emissivity for better radiant cooling.
* **RoHS Compliant:** The part meets environmental standards for hazardous substances.
---
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate the required airflow (LFM) for my specific component?
- ⤷ Does this heat sink come with pre-applied thermal paste?