Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-19G-53-C2-R0

  • AI
    The **ATS-19G-53-C2-R0** is a specific high-performance electronic thermal management component. Specifically, it is a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ HS | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (R0 version) | | **Thermal Resistance** | 2.32°C/W (Unducted Flow @ 1.0 m/s) | | **Dimensions** | 35.00mm x 35.00mm | | **Height** | 30.00mm | --- ## 2. Component Breakdown ### A. Material and Design * **Aluminum 6063:** This alloy is used for its high thermal conductivity and structural integrity. * **Fin Design:** The "19G" series typically features a **Fine Pitch** or **Cross-Cut** fin pattern. This maximizes surface area for heat dissipation while allowing air to flow through from multiple directions. ### B. Attachment Mechanism (Push-Pin) The "R0" suffix indicates the attachment style. * It uses a **Push-Pin** and **Spring** mechanism. * This provides a consistent, pre-determined pressure (load) on the processor or electronic component, ensuring optimal contact with the Thermal Interface Material (TIM). ### C. Thermal Interface The part usually comes with a **Pre-applied Thermal Interface Material (TIM)**. This is a phase-change material or thermal pad located on the base of the heat sink to bridge the microscopic air gaps between the heat sink and the chip. --- ## 3. Applications This specific size (35mm x 35mm) and height (30mm) is commonly found in the following electronic environments: 1. **Telecommunications:** Networking switches and routers. 2. **Embedded Systems:** Industrial PCs and controllers. 3. **Power Electronics:** Dissipating heat from MOSFETs or small CPUs/FPGAs. --- ## 4. Part Number Decoder If you are looking at similar parts, here is how the code breaks down: * **ATS:** Advanced Thermal Solutions (Manufacturer). * **19G:** The specific fin geometry/family. * **53:** Internal design reference. * **C2:** Material/Finish code (Blue Anodized). * **R0:** Attachment/Revision code.
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods to the R0 push-pin for this series?
    • ⤷ How does the thermal resistance change at higher airflow rates for this specific model?
    • ⤷ What is the recommended hole pattern on a PCB for installing this heat sink?