ATS-19G-63-C2-R0
AI

The **ATS-19G-63-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 12.32°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Weight** | 46.0 Grams |
---
### 2. Key Design Features
* **Fin Profile (Square Fin):** The "63" series typically utilizes a square fin design which provides a large surface area for heat exchange while maintaining structural integrity.
* **pushPIN™ Attachment:** This model uses a tool-free push-pin system with a pre-assembled compression spring. This ensures consistent pressure between the heat sink and the component, optimizing thermal transfer.
* **Pre-Applied Thermal Interface Material (TIM):** This part usually comes with a high-performance **Phase Change Material** or thermal grease pre-applied to the base, simplifying the assembly process.
* **Material Efficiency:** Made from extruded aluminum (AL6063), it offers a balance of lightweight properties and high thermal conductivity.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
1. **Telecommunications:** Cooling of networking chips and high-speed routers.
2. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBTs in power conversion modules.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (LFM - Linear Feet per Minute):
| Airflow Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 12.32 | 4.26 | 2.42 | 1.74 | 1.41 |
- ⤷
How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the specific hole pattern required on a PCB for the pushPIN™ attachment?
- ⤷ Can this heat sink be customized for different height requirements?