Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-19G-80-C2-R0

  • AI
    The **ATS-19G-80-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs. ### 1. Technical Specifications The following table outlines the mechanical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 2.18°C/W (@ 200 LFM) | | **Thermal Interface (TIM)** | T766 (High Performance) | --- ### 2. Key Electronic Features #### A. High-Efficiency Fin Design The "G" in the part number indicates a specific fin geometry. These fins are designed to maximize surface area while maintaining a low pressure drop. This allows air from the system's cooling fans to pass through the heat sink effectively, lowering the junction temperature of the semiconductor. #### B. Attachment Mechanism (Push-Pin) Unlike adhesive-based heatsinks, the **push-pin** system uses pre-drilled holes on the Printed Circuit Board (PCB). * **Benefits:** Provides consistent downward pressure for better thermal contact. * **Reliability:** It is more vibration-resistant than thermal tape, making it suitable for industrial electronics. #### C. Thermal Interface Material (TIM) The part comes pre-applied with **T766 phase-change material**. * **Function:** This material fills the microscopic air gaps between the chip surface and the heatsink base. * **Result:** It significantly reduces the thermal resistance of the interface, ensuring heat moves efficiently into the aluminum fins. --- ### 3. Application Examples * **Embedded Systems:** Cooling microcontrollers or high-speed processors. * **Network Hardware:** Used on switches or routers for heat dissipation. * **Power Supplies:** Cooling voltage regulators or power transistors. --- ### 4. Part Number Breakdown ```text ATS - 19 - G - 80 - C2 - R0 | | | | | | | | | | | +-- Revision Code | | | | +------- Material/Finish (Aluminum/Blue Anodized) | | | +------------ Height (25mm version in this series) | | +----------------- Fin Profile Type | +---------------------- Series ID +---------------------------- Manufacturer (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the push-pin mounting?
    • ⤷ How does the T766 TIM compare to standard thermal grease?
    • ⤷ Is there a low-profile version of this heatsink for 1U server racks?