ATS-19G-95-C2-R0
AI

The **ATS-19G-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, which is designed to reduce pressure drop and maximize thermal performance in high-velocity airflow environments.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | **pushPIN™** (Plastic pins with springs) |
| **Thermal Resistance (Flowing)** | 7.29 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 1.80 °C/W (at high velocity) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Pin Pitch** | 1.14 mm |
| **Fin Style** | Straight Fin |
---
## 2. Key Design Features
### A. maxiFLOW™ Geometry
The "G" in the part number indicates the maxiFLOW™ design. Unlike standard rectangular heat sinks, these feature a spread fin pattern that:
* Reduces air resistance (pressure drop).
* Increases the surface area exposed to the air stream.
* Improves thermal transfer from the base to the fins.
### B. pushPIN™ Attachment System
The **-R0** suffix refers to the specific attachment kit. This system uses:
* **Compression Springs:** Ensure consistent pressure on the processor or component for optimal thermal interface contact.
* **Plastic Pins:** Designed to fit into pre-drilled holes on the PCB (typically 3.00mm holes).
### C. Thermal Interface Material (TIM)
This part typically comes with a pre-applied thermal interface material to simplify the assembly process. In this specific configuration (**C2**), it indicates the use of high-performance thermal grease or a phase-change material designed for high heat dissipation.
---
## 3. Application Use Cases
The ATS-19G-95-C2-R0 is commonly used to cool high-heat electronic components such as:
1. **CPUs and GPUs:** In embedded systems or industrial PCs.
2. **FPGAs/ASICs:** In telecommunications and networking equipment.
3. **Power Modules:** Where space is constrained but airflow is available.
---
## 4. Part Number Breakdown
| Code Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **19G** | maxiFLOW™ Series Product Line |
| **95** | Specific geometry/fin configuration |
| **C2** | Thermal Interface Material / Finish Code |
| **R0** | Revision / Hardware kit version |
- ⤷
What is the hole-to-hole spacing required on a PCB for the ATS-19G-95-C2-R0?
- ⤷ How does the pressure drop of a maxiFLOW heat sink compare to a standard cross-cut design?
- ⤷ What are the alternative attachment options if pushPIN cannot be used?