ATS-19H-08-C2-R0
AI

The **ATS-19H-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "pushPIN™" component series designed for efficient cooling of integrated circuits (ICs) and other PCB components.
---
## Technical Specifications
The following table outlines the physical and thermal properties of the device:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-19H-08-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Fine-Pitch |
| **Fin Pattern** | XCUT (Cross-cut) |
| **Thermal Resistance** | 14.61 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **TIM (Interface Material)** | T766 (High-performance thermal grease) |
---
## Key Features
### 1. XCUT Fin Design
The heat sink features a cross-cut (XCUT) fin geometry. This design is optimized for **omni-directional airflow**, meaning it can receive cooling air from any direction, making it ideal for systems with complex or turbulent internal air currents.
### 2. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, this model uses a mechanical attachment system:
* **Precision Springs:** Ensures consistent pressure (clamping force) across the component for maximum heat transfer.
* **Plastic/Brass Push Pins:** Designed to snap into pre-drilled holes in the PCB (Printed Circuit Board).
* **Reliability:** Reduces the risk of the heat sink falling off due to vibration or thermal expansion.
### 3. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **ATS-T766 thermal grease**. This eliminates the need for manual application and ensures a high-quality thermal bond between the chip and the aluminum base.
---
## Application Use Cases
* **Processors (CPUs/GPUs):** Cooling small to medium-sized processors.
* **ASICs and FPGAs:** Ideal for high-speed logic devices that generate significant localized heat.
* **Telecom Equipment:** Used in routers and switches where directional airflow is inconsistent.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the thermal resistance change at higher air flow rates (e.g.
- ⤷ 500 LFM)?
- ⤷ Is this heat sink compatible with custom thermal pads instead of the pre-applied T766 grease?