ATS-19H-35-C2-R0
AI

The **ATS-19H-35-C2-R0** is a specific electronic cooling component, categorized as a high-performance **Heat Sink**. It is part of the "pushPIN™" series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a breakdown of its technical specifications and features.
---
### 1. General Specifications
This part is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-19H-35-C2-R0 |
| **Series** | pushPIN™ |
| **Attachment Type** | pushPIN™ (Spring-loaded pins) |
| **Material** | Aluminum (Body), Brass (Pins) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 12.83°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Physical Dimensions
The dimensions determine the physical footprint on the Printed Circuit Board (PCB).
* **Length (Side A):** 35.00 mm
* **Width (Side B):** 35.00 mm
* **Height (Side C):** 10.00 mm (Low profile)
* **Pitch (Distance between holes):** 40.00 mm
---
### 3. Key Electronic/Mechanical Features
#### A. Fin Design (Fine-Pitch)
The "H" in the part number often denotes a **Fine-Pitch** pattern. This maximizes surface area in a small footprint, making it ideal for high-density electronic assemblies where airflow might be limited.
#### B. Thermal Interface Material (TIM)
The "C2" suffix indicates that this model comes pre-applied with **T766 Phase Change Material**.
- **Benefit:** Eliminates the need for manual thermal paste application.
- **Performance:** Ensures high conductivity between the heat source and the aluminum sink.
#### C. pushPIN™ Mounting System
Instead of using messy adhesives or bulky brackets, this part uses a spring-loaded pin mechanism:
- **Consistent Pressure:** Ensures the heat sink is pressed firmly against the chip.
- **Durability:** The compression springs allow for thermal expansion without damaging the PCB.
- **R0 Rating:** This usually indicates compliance with standard environmental and safety regulations (RoHS).
---
### 4. Application Context
This specific part is typically found in:
1. **Networking Hardware:** Routers and switches.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Voltage regulators that generate localized heat.
---
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Can the pushPIN mounting system be reused if the component is replaced?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?