ATS-19H-53-C2-R0
AI

### Technical Overview of ATS-19H-53-C2-R0
The **ATS-19H-53-C2-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** Heat Sink Assembly series, designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink Assembly |
| **Heat Sink Type** | Straight Fin (pushPIN™) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Flowing)** | 2.32 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.67 °C/W |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height (Height Off Base)** | 30mm |
---
### 2. Component Breakdown
#### A. The Heat Sink (Thermal Dissipator)
The core of the unit is a high-grade aluminum heat sink. The **Straight Fin** design is optimized for environments where there is a consistent directional airflow.
* **Thermal Performance:** The low thermal resistance (2.32 °C/W at 100 LFM) ensures efficient heat transfer from the semiconductor junction to the ambient air.
#### B. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical push-pin system.
* **Spring-Loaded Mechanism:** It utilizes a pre-assembled compression spring to ensure even pressure across the thermal interface material (TIM).
* **Reliability:** The mechanical connection prevents the heat sink from shifting during high-vibration scenarios or thermal expansion cycles.
#### C. Thermal Interface Material (TIM)
The "R0" suffix in the part number typically denotes the type of pre-applied thermal material.
* **ATS-NO-TIM:** This specific variant usually arrives without pre-applied thermal grease, allowing engineers to choose a specific thermal pad or paste suited for their application.
---
### 3. Dimensional Drawing (Reference)
```text
35mm (W)
<----------->
+-----------+ ^
| | |
| FINS | | 35mm (L)
| | |
+-----------+ v
Height: 30.00 mm
Pitch (Mounting): 40.00 mm x 40.00 mm
```
---
### 4. Typical Applications
* **Telecommunications:** Cooling of high-speed processors and FPGAs.
* **Industrial Power Supplies:** Managing heat in MOSFETs or voltage regulators.
* **Embedded Systems:** Suitable for compact PCBs where vertical space allows for a 30mm height.
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How does the push-pin mounting pitch differ from the actual dimensions of the heat sink?
- ⤷ What are the advantages of straight fin designs over cross-cut fin designs in forced convection?