ATS-19H-76-C2-R0
AI

The **ATS-19H-76-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number itself contains encoded information about the dimensions, material, and performance characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Pitch** | Fine-Pitch Fin Pattern |
| **Thermal Resistance** | 11.58 °C/W (at 100 LFM) |
---
### 2. Key Physical Components
#### A. The Fin Array
This part utilizes a **mini-fan/straight fin** design. The high density of fins increases the surface area exposed to the air, which allows for better heat transfer via convection.
#### B. The Push-Pin Attachment
Instead of using adhesive tape or thermal glue, this part uses the **pushPIN™** system.
* **Mechanism:** Two pins with internal springs.
* **Benefit:** Provides consistent pressure (preload) against the electronic component, ensuring maximum thermal contact while allowing for easy installation and removal.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that it comes pre-applied with a high-performance **Thermal Interface Material** (usually a phase-change material or grease). This fills microscopic air gaps between the heat sink and the chip.
---
### 3. Electronic Application
This specific heat sink is categorized as "Small Form Factor." It is commonly used on:
1. **Network Switches/Routers:** For cooling ASICs or localized processors.
2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
3. **Voltage Regulators:** To prevent thermal throttling in power delivery circuits.
---
### 4. Performance Metrics
Thermal performance depends heavily on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.58 |
| 300 (1.5 m/s) | 4.51 |
| 500 (2.5 m/s) | 3.23 |
*[Note: Lower °C/W values indicate better cooling efficiency.]*
- ⤷
What are the advantages of push-pin mounting over adhesive thermal tape?
- ⤷ How does 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ Can this heat sink be used for passive cooling without a fan?