ATS-20B-07-C3-R0
AI

The **ATS-20B-07-C3-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the physical and thermal characteristics of the product.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push-Pin (Pin Fin) |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 16.97°C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Physical Design Features
#### **Pin Fin Geometry**
Unlike traditional "straight fin" heat sinks, the pin fin design consists of multiple vertical cylindrical or square pins. This structure:
* Increases surface area for heat transfer.
* Is "omni-directional," meaning it allows air to flow through the heat sink from any direction, making it ideal for systems with complex airflow.
#### **Push-Pin Attachment**
The "20B" series features a push-pin mounting mechanism. This provides:
* **Constant Pressure:** The springs ensure a consistent load on the component, improving heat transfer efficiency.
* **Ease of Assembly:** Quick installation through pre-drilled holes in the PCB without the need for specialized tools.
#### **Blue Anodized Coating**
The aluminum is blue-anodized. This is not just for aesthetics; it provides:
* **Increased Emissivity:** Improves radiant heat transfer.
* **Corrosion Resistance:** Protects the aluminum from environmental degradation.
---
### 3. Thermal Performance (Estimated)
The efficiency of the ATS-20B-07-C3-R0 depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 16.97 |
| 300 (1.5 m/s) | 11.80 |
| 400 (2.0 m/s) | 10.30 |
| 600 (3.0 m/s) | 8.60 |
---
### 4. Applications
This part is typically used in:
1. **Telecommunications:** Cooling of ASICs and high-speed networking chips.
2. **Embedded Systems:** Industrial PCs where vertical space is limited (12.7mm height).
3. **Power Supplies:** Heat dissipation for voltage regulators or power modules.
---
- ⤷How does the T412 thermal interface material compare to high-performance thermal paste?
- ⤷ What is the recommended hole diameter on the PCB for the push-pin mounting?
- ⤷ Is there a straight-fin version of this heat sink for directional airflow?