ATS-20B-08-C2-R0
AI

The **ATS-20B-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, which is designed for high-performance cooling in air-constrained environments.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 46.83mm x 46.83mm |
| **Height** | 20.00mm |
| **Mounting Type** | pushPIN™ |
| **Thermal Resistance** | 14.59°C/W (Unducted Flow @ 100 LFM) |
| **Flow Pattern** | maxiFLOW (Tapered Fin Design) |
| **Attachment Method** | Plastic Push Pin |
---
### 2. Key Electronic & Design Features
#### A. maxiFLOW™ Fin Geometry
The "B" in the part number indicates the specific fin pattern. The fins are designed with a **spread-fin** or tapered geometry. This is critical for electronic systems where airflow is limited or "choked," as it allows for lower pressure drop and increased surface area for heat dissipation.
#### B. pushPIN™ Attachment System
Rather than using messy thermal adhesives or tapes, this part utilizes a mechanical **pushPIN™** system.
* **Compression Spring:** Ensures consistent pressure (interface force) across the electronic component (CPU/FPGA), maximizing thermal transfer.
* **Ease of Rework:** Allows for the heat sink to be removed and reinstalled easily during maintenance or testing.
#### C. Thermal Interface Material (TIM)
The part typically comes with **T766** pre-applied. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink base and the electronic chip to minimize thermal resistance.
---
### 3. Part Number Breakdown
To understand the specific electronic configuration of this series:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Manufacturer** | ATS | Advanced Thermal Solutions |
| **Family** | 20 | maxiFLOW™ Series |
| **Material** | B | Specific Aluminum Alloy / Fin Profile |
| **Mounting** | 08 | Push Pin / Spring configuration |
| **Height** | C2 | 20mm Height profile |
| **Finish** | R0 | Blue Anodized Finish |
---
### 4. Typical Applications
This component is used to cool high-heat-generating electronic devices such as:
* **FPGAs & ASICs:** Used in telecommunications and data centers.
* **Embedded Systems:** Industrial PCs where space is confined.
* **Power Electronics:** Converters and high-speed networking switches.
- ⤷
What are the compatible PCB hole patterns for the pushPIN system used in this part?
- ⤷ How does the thermal resistance change at higher airflow rates (e.g.
- ⤷ 500 LFM)?
- ⤷ Is there a version of this heat sink with a lower profile for 1U server racks?