ATS-20B-124-C2-R0
AI

The **ATS-20B-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (High Thermal Conductivity) |
| **Finish** | Blue Anodized |
| **Dimensions** | 50mm x 50mm x 25mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 3.18°C/W (at 200 LFM) |
| **Pressure Drop** | 0.10 inH2O (at 200 LFM) |
---
## 2. Key Design Elements
### A. maxiFLOW™ Fin Design
Unlike standard straight-fin heatsinks, the ATS-20B-124-C2-R0 features a **flared fin** geometry.
- **Benefit:** This increases the surface area exposed to the air without significantly increasing the pressure drop.
- **Effect:** It maximizes the cooling performance in high-velocity airflow environments.
### B. pushPIN™ Attachment System
This model uses a specialized mounting mechanism:
- **Spring-Loaded Pins:** These provide a calculated "compression force" to ensure optimal contact between the heatsink and the electronic component (TIM - Thermal Interface Material).
- **Security:** It prevents the heatsink from shifting during shipping or vibration, which is critical for industrial or telecommunications hardware.
### C. Thermal Interface Material (TIM)
The "C2" suffix in the part number typically indicates that the heatsink comes pre-applied with **ATS-542** or similar Phase Change Material.
- This eliminates the need for manual application of thermal grease.
- Ensures a low-resistance path for heat to travel from the chip to the aluminum fins.
---
## 3. Application Use Cases
This specific heatsink is generally found in:
1. **Network Switches:** Cooling ASICs that process high volumes of data.
2. **Industrial Control Systems:** Protecting power electronics from overheating in sealed enclosures.
3. **High-End Computing:** Applied to voltage regulators or chipsets that require 25mm height clearance.
- ⤷
What is the significance of the 'Blue Anodized' finish for thermal performance?
- ⤷ How does the pushPIN mounting compare to adhesive tape attachments?
- ⤷ Is this heatsink compatible with custom PCB hole patterns?