ATS-20B-129-C2-R0
AI

The **ATS-20B-129-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W)** | 60.00mm x 60.00mm |
| **Height** | 10.00mm (Low Profile) |
| **Thermal Resistance** | 8.68°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Design and Construction
The ATS-20B-129-C2-R0 utilizes a specialized design to maximize surface area while maintaining a small footprint:
* **Fine Pitch Fins:** The "129" series features a specific fin density designed for optimized airflow.
* **pushPIN™ Attachment:** Instead of messy adhesives or heavy brackets, it uses a spring-loaded push-pin mechanism. This ensures constant pressure (clamping force) on the component, which improves thermal transfer.
* **TIM (Thermal Interface Material):** These units typically come with pre-applied **Phase Change Material** or thermal tape to ensure no air gaps exist between the chip and the aluminum base.
---
### 3. Thermal Performance Profile
Thermal resistance is measured based on the airflow (Linear Feet per Minute - LFM). The lower the °C/W value, the more efficient the cooling.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 8.68 |
| 300 | 1.5 | 3.11 |
| 500 | 2.5 | 2.25 |
| 700 | 3.5 | 1.84 |
---
### 4. Common Applications
Due to its low profile (10mm height) and 60mm width, this part is commonly used in:
* **Networking Equipment:** Switches and routers where vertical space is limited.
* **Embedded Systems:** Industrial PCs and Single Board Computers (SBCs).
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Telecom:** High-speed data transmission modules.
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate if the 8.68°C/W resistance is sufficient for my 15W chip?
- ⤷ Are there specific hole patterns required for the push-pin installation?