ATS-20B-148-C2-R0
AI

The **ATS-20B-148-C2-R0** is a high-performance heat sink manufactured by Advanced Thermal Solutions, Inc. (ATS). It is part of the **maxiFLOW™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 8.70°C/W (at 200 LFM) |
| **Flow Direction** | Undirectional / Straight Fin |
---
### 2. Key Electronic & Mechanical Components
The "electronic" utility of this part is defined by its ability to manage thermal energy generated by semiconductors. Here are the core components of the assembly:
#### A. The Heat Sink Body (maxiFLOW™)
* **Design:** Features a tapered fin design that increases the surface area for maximum heat dissipation.
* **Performance:** It is specifically engineered for high-velocity airflow environments (convection cooling).
#### B. Attachment System (pushPIN™)
This is the hardware that secures the heat sink to the Printed Circuit Board (PCB).
* **Brass Components:** The pins are often nickel-plated brass for durability.
* **Compression Springs:** These ensure consistent pressure (load) on the electronic chip, which is critical for maximizing the efficiency of the Thermal Interface Material (TIM).
#### C. Thermal Interface Material (TIM)
* **Pre-applied Coating:** This part typically comes with a high-performance thermal pad or grease (often **T766**) pre-applied to the base.
* **Purpose:** It fills microscopic air gaps between the heat sink and the electronic component to lower contact resistance.
---
### 3. Part Number Breakdown
The nomenclature **ATS-20B-148-C2-R0** can be decoded as follows:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **20B** | Series/Designator for pushPIN™ assembly |
| **148** | Specific dimension and fin configuration |
| **C2** | Material/Finish (Blue Anodized Aluminum) |
| **R0** | Revision or Packaging code |
---
### 4. Application Use Cases
This component is typically mounted on:
* **FPGAs (Field Programmable Gate Arrays):** Used in telecommunications.
* **ASICs:** Custom integrated circuits that generate significant heat in a small 30mm footprint.
* **Voltage Regulator Modules (VRMs):** Powering high-end server processors.
- ⤷
What is the significance of the 8.70°C/W thermal resistance rating?
- ⤷ How does the pushPIN™ system compare to adhesive thermal tapes?
- ⤷ Can this heat sink be used in natural convection environments without fans?