ATS-20B-192-C2-R0
AI

The **ATS-20B-192-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Off Base)** | 30mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 2.35°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### Key Electronic Components & Design Features
#### 1. The Heat Sink Body (Aluminum)
The main body is constructed from high-grade aluminum. Aluminum is chosen in electronics for its excellent thermal conductivity-to-weight ratio. The **Blue Anodized** coating is not just aesthetic; it provides:
* Corrosion resistance.
* Increased surface emissivity (improving radiant heat transfer).
* Electrical insulation to prevent accidental shorts if a metal object touches the sink.
#### 2. pushPIN™ Attachment System
Instead of using messy thermal adhesives or permanent epoxy, this part uses a mechanical **pushPIN™** system.
* **Spring-loaded mechanism:** Ensures constant, even pressure across the surface of the electronic chip (TIM - Thermal Interface Material).
* **Reliability:** This prevents the heat sink from shifting during vibration or shipping, which is critical for industrial or automotive electronics.
#### 3. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the specific type of Thermal Interface Material pre-applied to the base.
* This material fills microscopic air gaps between the component (e.g., an FPGA) and the aluminum base.
* Efficient TIM is vital for reducing contact resistance.
#### 4. Fin Geometry
The straight-fin design is optimized for **forced air cooling** (active cooling with fans). The spacing between the fins is engineered to minimize "pressure drop" while maximizing the surface area exposed to the airflow.
---
### Applications in Electronics
* **Integrated Circuits (ICs):** Cooling large BGA (Ball Grid Array) packages.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
* **Telecommunications:** Used in routers and switches where high-speed data processing generates significant heat.
- ⤷
What is the difference between Blue Anodized and other coatings in thermal management?
- ⤷ How do I calculate if the 2.35°C/W thermal resistance is sufficient for my component?
- ⤷ What are the specific hole patterns required on a PCB for the pushPIN system?