ATS-20B-196-C2-R0
AI

The **ATS-20B-196-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pins / Springs) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Thermal Resistance** | 18.11°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Features
#### A. Fin Profile: Straight Fin
This model uses a **straight fin** design. Straight fins are ideal for applications where there is a consistent, directed airflow. They provide a high surface-area-to-volume ratio, allowing for efficient heat transfer in forced-air environments.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the **pushPIN™** system uses a flexible mechanism:
* **Compression Springs:** Ensure even pressure across the component surface for maximum thermal contact.
* **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a high-performance phase-change or grease-like material that fills the microscopic air gaps between the heat sink base and the electronic chip, significantly lowering thermal resistance.
---
### 3. Application Use Cases
The ATS-20B-196-C2-R0 is typically used in the following electronic sectors:
1. **Telecommunications:** For cooling line cards and high-speed switches.
2. **Embedded Systems:** Protecting SoCs (System on Chips) in industrial computers.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Thermal Performance Data
Performance varies based on Airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 18.11 |
| 300 (1.5 m/s) | 8.22 |
| 500 (2.5 m/s) | 6.35 |
| 700 (3.5 m/s) | 5.48 |
- ⤷
How do I calculate if this heat sink is sufficient for my chip's TDP?
- ⤷ What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?