ATS-20B-210-C2-R0
AI

The **ATS-20B-210-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series, specifically designed for cooling electronic components like CPUs, GPUs, and FPGAs.
Below is the breakdown of its technical specifications and electronic characteristics.
### 1. Technical Specifications
This part is a "push-pin" style heat sink, which ensures a secure attachment to the PCB while providing consistent pressure for thermal interface materials.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 54.00mm x 54.00mm x 25.00mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | ~5.18°C/W (Unducted @ 200 LFM) |
| **Fin Style** | Straight Fin |
| **RoHS Status** | Compliant |
---
### 2. Cooling Performance
The "Electronic" part of this component is its ability to dissipate heat generated by semiconductors. The thermal resistance determines how effectively it keeps a chip below its maximum operating temperature.
* **Low Airflow (200 LFM):** 5.18 °C/W
* **High Airflow (700 LFM):** 1.90 °C/W
As airflow (Linear Feet per Minute) increases, the thermal resistance drops significantly, allowing the electronic component to run cooler and more reliably.
---
### 3. Component Breakdown (Nomenclature)
The part number itself describes the physical and thermal properties:
1. **ATS**: Advanced Thermal Solutions (Manufacturer).
2. **20B**: Series designation.
3. **210**: Specific size/geometry code (54mm x 54mm).
4. **C2**: Material/Color code (typically Blue Anodized).
5. **R0**: Revision or specific packaging code.
### 4. Application in Electronics
This heat sink is typically found in:
* **Networking Equipment:** Routers and switches where high-speed processors generate significant heat.
* **Industrial PCs:** Providing passive or active cooling in harsh environments.
* **Power Supplies:** Cooling MOSFETs or power transistors.
---
### 5. Installation Note
For optimal performance, this part requires a **Thermal Interface Material (TIM)**, such as thermal grease or a phase-change pad, to be placed between the electronic chip and the aluminum base of the heat sink to fill microscopic air gaps.
- ⤷
What are the specific hole patterns required on a PCB for the ATS-20B-210-C2-R0 push-pins?
- ⤷ How does the 'C2' anodized finish affect the thermal emissivity of this heat sink?
- ⤷ What is the weight of this heat sink
- ⤷ and will it require additional mechanical support for the PCB?