ATS-20B-24-C2-R0
AI

### Overview: ATS-20B-24-C2-R0
The **ATS-20B-24-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient thermal management of electronic components such as CPUs, GPUs, and other integrated circuits.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20B-24-C2-R0 |
| **Material** | Aluminum |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 23.62 °C/W (Unducted) |
| **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 20.00mm |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Components & Features
#### 1. Heat Sink Design
* **Fin Style:** The "B" in the part number indicates a specific fin geometry (usually straight or slanted depending on the sub-series) optimized for high surface area.
* **Material:** Made from high-grade aluminum, which offers a balance of lightweight construction and high thermal conductivity.
* **Finish:** The **Blue Anodized** coating protects against corrosion and improves thermal radiation properties.
#### 2. The pushPIN™ Attachment System
This part features a specialized mechanical mounting system:
* **Spring-loaded Bolts:** Provides consistent pressure on the component, ensuring maximum contact with the die.
* **Ease of Install:** Designed for tool-free or rapid assembly on PCBs using pre-drilled holes.
#### 3. Thermal Interface Material (TIM)
* **T766:** This part comes with a pre-applied phase-change material or high-performance grease. This fills microscopic gaps between the heat sink and the electronic chip to minimize thermal resistance.
---
### Thermal Performance Data
Performance varies based on airflow (Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 23.62 |
| 200 (1.0 m/s) | 10.98 |
| 300 (1.5 m/s) | 6.36 |
| 400 (2.0 m/s) | 4.44 |
---
### Common Applications
* **Embedded Systems:** Cools processors in industrial computers.
* **Networking Hardware:** Used on switches and routers for ASICs.
* **Power Electronics:** Dissipates heat from MOSFETs or voltage regulators.
- ⤷
What are the specific hole patterns required on a PCB for this pushPIN mount?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ Are there alternative finishes available for this specific size heat sink?