ATS-20B-25-C2-R0
AI

### Technical Overview: ATS-20B-25-C2-R0
The **ATS-20B-25-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for high-efficiency cooling of surface-mount components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The part number encodes specific structural and thermal characteristics. Here is the breakdown:
| Specification | Value / Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Type** | Pin Fin Heat Sink (maxiFLOW™) |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions** | 25mm x 25mm (Base) |
| **Height** | 20mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | ~5.16°C/W (at 200 LFM) |
| **Interface Material** | T766 (Thermal Tape/Grease options) |
---
### 2. Key Components & Design Features
#### A. The Fin Geometry
The "maxiFLOW" design features a **flared fin structure**. Unlike traditional straight fins, these fins angle outwards to maximize the surface area and increase turbulence. This allows for better heat dissipation in environments with constrained airflow.
#### B. The pushPIN™ Attachment
This model uses the **pushPIN™** system, which consists of:
* **Springs:** Ensure consistent pressure between the heat sink and the chip to minimize thermal resistance.
* **Plastic/Brass Pins:** Inserted through pre-drilled holes in the PCB to lock the assembly in place.
#### C. Thermal Interface Material (TIM)
The **C2** designation in the part number usually indicates the type of thermal interface material applied to the base.
* It ensures that microscopic air gaps between the heat sink and the electronic component are filled, facilitating efficient heat transfer.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic assemblies:
1. **Telecommunications:** High-speed routers and switches where air velocity is high.
2. **Embedded Systems:** Industrial PCs where vertical space is limited to 20mm.
3. **Power Electronics:** Cooling MOSFETs or voltage regulators that generate localized heat spots.
---
### 4. Thermal Performance Data
*Measured in °C/W (Lower is better)*
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 5.16 |
| 400 (2.0 m/s) | 3.20 |
| 600 (3.0 m/s) | 2.50 |
---
- ⤷
What is the specific PCB hole pattern required for the pushPIN attachment on this model?
- ⤷ Can this heat sink be used with a different thermal interface material like Phase Change Material?
- ⤷ How does the 'flared fin' design compare to a standard 'cross-cut' fin design in terms of efficiency?