ATS-20B-33-C2-R0
AI

The **ATS-20B-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 17.78mm |
| **Thermal Resistance** | 17.42°C/W (Unducted @ 100 LFM) |
| **Fin Type** | High-efficiency cross-cut design |
---
### 2. Key Features and Components
#### A. pushPIN™ Attachment System
The "20B" and "R0" designations often refer to the specific mounting hardware. This part uses a **push-pin and spring mechanism** which provides:
* **Uniform Pressure:** Ensures consistent contact between the heatsink base and the heat source.
* **Tool-less Installation:** Allows for quick assembly on PCBs with pre-drilled holes.
#### B. Thermal Interface Material (TIM)
The "C2" in the part number typically indicates that the heatsink comes pre-applied with **ATS-PPS-02** thermal grease. This improves heat transfer by filling microscopic air gaps between the component surface and the aluminum base.
#### C. Cross-Cut Fin Design
Unlike straight-fin heatsinks, the fins are notched. This creates turbulence in the airflow, which breaks up the boundary layer and significantly improves cooling efficiency in both forced-air and natural convection environments.
---
### 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **20B** | Series/Mounting Style (pushPIN Type) |
| **33** | Dimension Reference (Base Size) |
| **C2** | Thermal Interface Material (Pre-applied grease) |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Applications
* **Networking Gear:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
- ⤷What are the specific PCB hole patterns required for the pushPIN attachment?
- ⤷ How does the thermal resistance change at higher airflow (e.g.
- ⤷ 500 LFM)?
- ⤷ Is there a copper-base version of this heatsink for higher power densities?