ATS-20B-35-C2-R0
AI

The part number **ATS-20B-35-C2-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. This specific component belongs to the "maxiFLOW™" series, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 4.42 °C/W (Unducted Flow) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 17.78mm |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Interface Material** | T766 (Thermal Tape/Grease included) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific configuration:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **20B**: The physical profile and fin pattern of the heatsink.
* **35**: Represents the length/width (roughly 35mm-37mm square).
* **C2**: Color and finish (Blue Anodized).
* **R0**: Revision or packaging code.
---
## 3. Key Design Features
### maxiFLOW™ Fin Geometry
The heatsink features a unique spread-fin design. Unlike standard square fins, these fins are angled outward to maximize surface area and increase airflow turbulence, which significantly improves heat dissipation in low-airflow environments.
### pushPIN™ Attachment
This model uses a **pushPIN™** system rather than simple adhesive.
* **Reliability:** It ensures a constant pressure (preload) against the component for optimal thermal contact.
* **Hardware:** It typically includes a stainless steel spring and a brass or plastic pin that snaps into pre-drilled holes on the PCB.
### Thermal Interface Material (TIM)
The part comes pre-applied with **T766**, a high-performance thermal interface. This eliminates the need for manual thermal paste application and ensures a consistent bond between the chip and the aluminum base.
---
## 4. Application Areas
* **Networking:** Cooling for high-speed routers and switches.
* **Embedded Systems:** For industrial PCs where space is limited but heat generation is high.
* **Power Supplies:** Heat management for voltage regulators and MOSFETs.
- ⤷
What are the PCB hole requirements for the pushPIN attachment on this model?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is there a low-profile version of the ATS-20B series available?