ATS-20B-36-C2-R0
AI

The **ATS-20B-36-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed for cooling electronic components such as CPUs, GPUs, or high-power transistors on a PCB.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Interface (TIM)** | T766 (High Performance) |
| **Dimensions** | 36.83mm x 36.83mm |
| **Height** | 22.86mm |
| **Thermal Resistance** | 1.48 °C/W (at 200 LFM) |
---
### 2. Key Electronic & Mechanical Components
#### A. Fin Geometry (High-Density)
This heatsink uses a **straight-fin** or **cross-cut** design (depending on the specific series iteration). The layout is optimized to maximize surface area for heat dissipation while maintaining a low pressure drop for airflow from system fans.
#### B. Push-Pin Attachment System
Instead of using adhesive or solder, this part uses a mechanical push-pin system:
* **Drilled Holes:** Requires specific hole diameters on the PCB.
* **Compression Springs:** Provides consistent pressure across the electronic component, ensuring maximum contact with the thermal interface material without cracking the silicon die.
#### C. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes pre-applied with **T766 thermal phase-change material**. This eliminates the need for manual thermal paste application and ensures uniform heat transfer from the electronic chip to the aluminum base.
---
### 3. Application Use Cases
This part is commonly found in:
* **Telecommunications:** Cooling network switches and routers.
* **Industrial PC (IPC):** Thermal management for embedded processors.
* **Power Supplies:** Heat dissipation for MOSFETs and power ICs.
---
### 4. Thermal Performance Table
*Performance varies based on Airflow (Measured in Linear Feet per Minute - LFM):*
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 1.48 |
| 400 (2.0 m/s) | 1.05 |
| 600 (3.0 m/s) | 0.85 |
- ⤷
What are the PCB hole requirements for the ATS-20B-36-C2-R0 push-pins?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?