ATS-20B-38-C2-R0
AI

The **ATS-20B-38-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed to provide high cooling efficiency in environments with restricted airflow.
---
### 1. Technical Specifications
The part number encodes specific physical and material properties. Below are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Base Dimensions** | 36.83 mm x 36.83 mm |
| **Height** | 17.78 mm |
| **Thermal Resistance** | 2.50 °C/W (@ 200 LFM) |
| **Configuration** | Square, high-density fins |
---
### 2. Design Features
The ATS-20B-38-C2-R0 is engineered with several electronic and mechanical considerations:
* **maxiFLOW™ Fin Geometry:** The fins are designed with a tapered, high-density pattern. This maximizes the surface area for heat dissipation while minimizing pressure drop as air passes through.
* **pushPIN™ Attachment:** This model uses a plastic or brass pin combined with a compression spring. This ensures:
1. **Uniform Pressure:** Prevents damage to the silicon die or PCB.
2. **Reliability:** Maintains a consistent interface with the thermal interface material (TIM) under vibration.
* **Thermal Interface Material (TIM):** Typically, this specific part comes pre-applied with **ATS-PPS-07** (a high-performance thermal pad/grease) to ensure low contact resistance between the electronic chip and the heat sink.
---
### 3. Application Use Cases
This part is typically used to cool high-heat electronic components such as:
* **FPGAs & ASICs:** High-speed processing units found in networking gear.
* **Microprocessors:** CPU/GPU components in embedded systems.
* **Power Electronics:** Voltage regulators and motor drivers that generate significant heat.
---
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how well the part moves heat away from the electronics.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 2.50 |
| 2.0 m/s (400 LFM) | 1.80 |
| 3.0 m/s (600 LFM) | 1.50 |
---
- ⤷
What are the specific hole dimensions required on the PCB for the pushPIN attachment?
- ⤷ How does the Blue Anodized finish affect the thermal emissivity of this heat sink?
- ⤷ Is this part compatible with standardized BGA patterns?