ATS-20B-40-C2-R0
AI

## Technical Overview: ATS-20B-40-C2-R0
The **ATS-20B-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is designed for cooling electronic components like CPUs, GPUs, or power modules in environments with constrained airflow.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-20B-40-C2-R0 |
| **Heat Sink Type** | Pin Fin (cross-cut style) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 1.80° C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
---
### 2. Physical Design & Composition
The "electronic parts" of this assembly are not active circuitry, but rather precision-engineered mechanical components that facilitate heat transfer:
* **The Heat Sink Body:** Constructed from high-grade aluminum. The "Pin Fin" design increases the surface area significantly compared to flat blocks, allowing air to circulate from any direction (omni-directional).
* **The Interface Material:** These units typically come with a pre-applied **Thermal Interface Material (TIM)** on the base to fill microscopic air gaps between the chip and the heat sink.
* **pushPIN™ Mounting System:** Unlike simple adhesive tapes, this part uses a mechanical fastening system consisting of:
* **Brass/Plastic Push Pins:** To secure the sink to the PCB.
* **Stainless Steel Springs:** To provide consistent downward pressure, ensuring optimal thermal contact.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the suffix codes helps identify the specific variant:
1. **ATS-20:** Series designation (Pin Fin).
2. **B:** Specific fin geometry/pattern.
3. **40:** Size (Width/Length in mm).
4. **C2:** Material/Finish code (Blue Anodized).
5. **R0:** Revision or packaging code.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Unducted (200 LFM)** | 1.80 |
| **Ducted (400 LFM)** | 1.20 |
| **Static / Natural Convection** | 12.00+ |
---
### 5. Application Areas
* **Networking Gear:** Switches and routers where airflow is often turbulent.
* **Industrial PCs:** Small form factor boards requiring high reliability.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What are the specific hole patterns required on a PCB to mount the pushPIN system?
- ⤷ How does the 'Blue Anodized' finish affect the thermal emissivity of the part?
- ⤷ Is this heat sink compatible with standard 40mm cooling fans?