ATS-20B-41-C3-R0
AI

The **ATS-20B-41-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It belongs to the *maxiFLOW™* series manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (High Thermal Conductivity) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 20.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | ~10.07 °C/W (Unducted @ 200 LFM) |
| **Flow Pattern** | maxiFLOW™ (Cross-cut for omnidirectional airflow) |
---
### 2. Key Electronic Components & Features
#### A. The pushPIN™ Attachment System
This part features a specialized mounting mechanism. Unlike adhesive-based heatsinks, the **pushPIN™** system uses:
* **Compression Springs:** Provide precise vertical pressure (Force) to ensure optimal interface between the heatsink and the chip.
* **Plastic/Brass Pins:** Secure the heatsink through pre-drilled holes in the Printed Circuit Board (PCB).
#### B. Thermal Interface Material (TIM)
The "R0" suffix usually indicates the inclusion of a pre-applied **Thermal Interface Material**.
* **Role:** It fills microscopic air gaps between the component surface (CPU/GPU/ASIC) and the aluminum base to lower thermal resistance.
* **Material:** Usually a phase-change material or high-performance thermal pad.
#### C. Fin Geometry (maxiFLOW™)
The electronic design of the fins is "tapered." This maximizes the surface area while minimizing the pressure drop. In high-density electronic enclosures, this geometry allows the heat to dissipate effectively even with low-speed cooling fans.
---
### 3. Typical Applications
This specific heatsink is commonly found in:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where mechanical stability (vibration resistance) is required.
3. **Power Electronics:** Dissipating heat from MOSFETs or large voltage regulators.
---
### 4. Part Number Breakdown
```text
ATS - 20 B - 41 - C3 - R0
| | | | | |
| | | | | └── Thermal Interface/Color Code
| | | | └─────── Attachment Type (pushPIN)
| | | └──────────── Fin Pitch/Height Variant
| | └───────────────── Series (maxiFLOW)
| └─────────────────── Thermal Resistance Category
└───────────────────────── Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heatsink be used for high-vibration automotive applications?