ATS-20B-55-C2-R0
AI

The **ATS-20B-55-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from surface-mount components like BGA (Ball Grid Array) chips.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-20B-55-C2-R0 |
| **Heat Sink Type** | Push-pin style (Straight Fin) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Attachment Method** | Push-pin with Brass Springs |
| **Thermal Resistance** | 23.98 °C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal characteristics:
* **ATS-20**: Series identifier (typically refers to the push-pin attachment series).
* **B**: Material/Color code (typically Blue Anodized Aluminum).
* **55**: Specific geometry/footprint identifier.
* **C2**: Heat sink height and pin material/strength indicator.
* **R0**: RoHS compliance status.
---
### 3. Key Features
* **High Efficiency Fins:** Uses a straight-fin design which is ideal for systems with high-velocity airflow (high LFM).
* **Push-Pin Attachment:** The mechanism utilizes pre-drilled holes in the PCB. The push-pins have a flexible barb that locks into the board, ensuring a constant pressure on the chip.
* **Thermal Interface Material (TIM):** This specific model comes with **T766** pre-applied. This is a high-performance phase-change material that fills microscopic air gaps between the chip and the heat sink.
* **Spring-Loaded:** The brass springs provide a specific "sink-to-chip" force, preventing the heat sink from shifting during vibration or mechanical shock.
---
### 4. Application Use Cases
This part is commonly found in the following electronic systems:
1. **Networking Hardware:** Switches, routers, and high-speed modems.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Supplies:** Cooling small MOSFET arrays or power ICs.
4. **FPGA/CPU Cooling:** Small-form factor processors that require reliable, long-term cooling.
- ⤷
What are the PCB hole requirements for mounting this specific push-pin heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What is the recommended airflow direction for a straight-fin heat sink design?