AI

The **ATS-20B-71-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 6.70° C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Key Components & Features
#### A. The Fin Design (Straight Fin)
The heat sink utilizes a straight fin geometry. This design is optimized for **undirected airflow**, allowing the air to move through the fins with minimal pressure drop. This is ideal for systems where the cooling fan is not directly mounted on the heat sink.
#### B. Attachment Mechanism (Push-Pin)
Instead of adhesive tapes, this model uses a **spring-loaded push-pin** system.
* **Security:** Provides consistent pressure on the processor.
* **Reliability:** Resistant to shocks and vibrations.
* **Ease of Use:** Pre-assembled pins reduce installation time on the PCB.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a "phase-change" material that fills the microscopic gaps between the heat sink and the electronic component, ensuring maximum heat transfer efficiency.
---
### 3. Electronic Application
This part is typically used in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network processors.
2. **Embedded Systems:** Industrial PCs where mechanical stability is required.
3. **Power Electronics:** Dissipating heat from VRMs (Voltage Regulator Modules) or power MOSFETs.
### 4. Code Representation (Thermal Simulation Input)
If you were modeling this part in a thermal simulation script (like Python or MATLAB), the parameters would look like this:
```python
# Thermal properties for ATS-20B-71-C2-R0
heat_sink_data = {
"part_number": "ATS-20B-71-C2-R0",
"material": "Aluminum 6063-T5",
"thermal_conductivity_W_mK": 209,
"dimensions_mm": {"length": 45, "width": 45, "height": 30},
"mounting": "Push-Pin",
"surface_finish": "Blue Anodized"
}
```
- ⤷What is the difference between push-pin and clip-on mounting for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied T766?