ATS-20B-82-C2-R0
AI

## Electronic Part Overview: ATS-20B-82-C2-R0
The **ATS-20B-82-C2-R0** is a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series and is designed for cooling electronic components, specifically BGAs (Ball Grid Arrays).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20B-82-C2-R0 |
| **Type** | Board Level / BGA Heat Sink |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Type** | Straight Fin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.74°C/W (Natural Convection) |
| **Dimensions** | 30.00mm x 30.00mm x 25.00mm |
---
### 2. Design and Component Breakdown
#### A. Thermal Performance
The "C2" in the part number indicates a specific thermal interface material (TIM) or performance class. This heat sink is optimized for both natural and forced air convection.
* **Forced Airflow:** The thermal resistance drops significantly (down to ~2.10°C/W at 400 LFM) when fans are utilized.
#### B. Mounting Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the ATS-20B-82-C2-R0 uses a **push-pin and spring** assembly.
* **Stability:** Provides consistent pressure to ensure the thermal interface material makes optimal contact with the chip.
* **Reliability:** Resistant to vibration and shock, making it suitable for industrial or telecommunications hardware.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Increases surface emissivity and provides corrosion resistance.
---
### 3. Application Use Cases
This part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling network processors and high-speed switches.
2. **Embedded Systems:** For industrial PCs where heat dissipation is critical for longevity.
3. **Power Supplies:** Managing heat for voltage regulators or MOSFET arrays.
---
### 4. Part Number Decoder
```text
ATS - 20 - B - 82 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Thermal Interface / Color (Blue Anodized)
| | | +------------ Design Identifier (Height/Fin configuration)
| | +---------------- Fin Type (B = Straight Fin)
| +--------------------- Size Category (30mm x 30mm)
+--------------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What is the exact hole-to-hole mounting distance for this heat sink?
- ⤷ Which thermal interface material (TIM) comes pre-applied to this model?
- ⤷ Can this heat sink be used with metal push-pins instead of plastic ones?