AI

The **ATS-20B-95-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs on a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-20B-95-C2-R0 |
| **Heatsink Type** | Push-Pin (Aluminum) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Attachment Method** | Plastic Push-Pins & Brass Springs |
---
### 2. Key Electronic Features
#### A. Thermal Resistance
This part is designed to dissipate heat generated by electronic semiconductors. Its performance varies based on the airflow (CFM) within the electronic enclosure:
* **Low Airflow:** Higher thermal resistance (e.g., @ 200 LFM, resistance is approx. 1.70 °C/W).
* **High Airflow:** Lower thermal resistance (e.g., @ 700 LFM, resistance drops to approx. 0.80 °C/W).
#### B. Attachment Mechanism (Push-Pin)
The "20B" series utilizes a **push-pin and spring** system. This is critical for electronics because:
* **Constant Pressure:** The springs ensure even pressure across the semiconductor die, maximizing heat transfer.
* **Reliability:** Unlike adhesive tapes, push-pins offer a secure mechanical connection that survives high-vibration environments.
* **Standardized Holes:** It requires pre-drilled holes in the PCB (usually 3.0mm diameter).
#### C. Thermal Interface Material (TIM)
The **C2** designation indicates that the heatsink comes pre-applied with **T766 phase-change material**. This eliminates the need for manual thermal paste application, reducing assembly time and ensuring a thin, void-free bond between the electronic chip and the aluminum base.
---
### 3. Applications in Electronics
* **Embedded Systems:** Cooling microprocessors in industrial controllers.
* **Telecommunications:** Managing heat in high-speed networking switches.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the hole pattern spacing required for this specific heatsink?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ Can this heatsink be used on components smaller than 40x40mm?