ATS-20B-97-C2-R0
AI

The **ATS-20B-97-C2-R0** is a high-performance electronic component belonging to the thermal management category. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other heat-generating electronic parts.
Below is a detailed breakdown of its specifications and features.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Part Number** | ATS-20B-97-C2-R0 |
| **Attachment Type** | Push-Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 3.30°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
---
### 2. Physical Design & Construction
* **Fin Style:** This model features a **Straight Fin** design. This is optimized for airflow in a single direction, providing a high surface area for heat dissipation without significantly increasing the component's footprint.
* **Material:** It is made from **Aluminum 6063**, which is the industry standard for thermal conductivity, weight efficiency, and corrosion resistance.
* **Coating:** The "Blue Anodized" finish is not just aesthetic; it provides an extra layer of protection against environmental wear and slightly improves radiant heat transfer.
---
### 3. Attachment Mechanism: pushPIN™
The "pushPIN™" system is a signature feature of this component. It replaces traditional adhesive tapes or fragile clips with a more robust solution:
* **Compression Spring:** Ensures consistent pressure (clamping force) on the processor, which maximizes thermal transfer between the chip and the heatsink.
* **Pre-assembled:** It usually comes with the push-pins and springs pre-installed for rapid assembly on the production line.
* **Thermal Interface Material (TIM):** Most versions of this part come with a pre-applied high-performance thermal pad or grease (Phase Change Material) to bridge the air gap between the component and the sink.
---
### 4. Thermal Performance
The performance of the ATS-20B-97-C2-R0 is highly dependent on the velocity of the air moving through the fins (measured in Linear Feet per Minute - LFM):
* **Low Airflow (100 LFM):** ~3.30°C/W
* **High Airflow (700 LFM):** ~0.77°C/W
*Note: A lower °C/W value indicates better cooling performance.*
---
### 5. Common Applications
* **BGA (Ball Grid Array) Cooling:** Used for CPUs, GPUs, and FPGAs.
* **Telecommunications:** Cooling chips in routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers where space is constrained (10mm height).
- ⤷
How do I calculate the required LFM for my specific chip wattage?
- ⤷ What are the PCB hole requirements for the push-pin mounting?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?