ATS-20D-02-C2-R0
AI

The **ATS-20D-02-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### ## Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 18.32°C/W (Unducted) |
| **Thermal Interface Material** | T766 (High performance) |
---
### ## Key Electronic & Physical Features
### 1. Thermal Dissipation (Heat Transfer)
The core function of this part is to lower the junction temperature of integrated circuits (ICs). With a height of **15mm**, it provides a balance between surface area and low-profile clearance for compact electronic enclosures.
### 2. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the ATS-20D-02-C2-R0 uses a mechanical **Push-Pin** system.
* **Benefits:** It provides consistent pressure on the chip, ensuring maximum contact with the Thermal Interface Material (TIM).
* **Hardware:** It utilizes a pre-assembled spring and plastic pin that snaps into 3mm holes on the PCB.
### 3. Cross-Cut Fin Design
The "D" in the part number indicates a **straight-fin or cross-cut** pattern. This design allows for better airflow from multiple directions, making it efficient in systems where the cooling fan might be mounted at an angle.
### 4. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**, a thermal grease/pad. This eliminates the need for manual application, reducing assembly time and ensuring a bubble-free connection between the electronic component and the aluminum base.
---
### ## Identification Code Breakdown
Understanding the part number helps in identifying its specific configuration:
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **20:** Series Number (pushPIN™)
* **D:** Fin pitch/style
* **02:** Dimensions/Mounting hole pattern
* **C2:** Material/Color (Blue Anodized Aluminum)
* **R0:** Revision/Packaging code
- ⤷What are the PCB hole requirements for mounting this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a different height profile?