ATS-20D-05-C2-R0
AI

The **ATS-20D-05-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "maxiFLOW™" product line, designed primarily for cooling high-power electronic components like CPUs, GPUs, and ASICs.
---
## 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Series** | maxiFLOW™ |
| **Dimensions (L x W)** | 37.00 mm x 37.00 mm |
| **Height** | 9.50 mm |
| **Thermal Resistance** | 9.23° C/W (at 200 LFM) |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Airflow Direction** | Directional / Flared Fins |
---
## 2. Key Electronic & Design Features
### A. maxiFLOW™ Fin Geometry
The "D" in the part number refers to the fin geometry. Unlike standard extruded heat sinks, these feature a **flared fin** design.
* **Electronic Impact:** This maximizes the surface area and increases air turbulence, which significantly improves thermal performance in constrained spaces where airflow might be limited.
### B. pushPIN™ Attachment System
The part utilizes the **pushPIN™** mounting mechanism.
* **Mechanical Stability:** It uses a brass or plastic pin with a stainless steel spring. This ensures a consistent "Normal Force" is applied to the electronic component (like a processor), ensuring optimal contact with the Thermal Interface Material (TIM).
* **Vibration Resistance:** This makes it suitable for electronics in industrial or automotive environments where vibration is a factor.
### C. Material and Finish
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides two benefits:
1. **Corrosion Resistance:** Protects the aluminum from oxidation.
2. **Radiation Cooling:** Anodized surfaces have higher emissivity than bare metal, improving heat dissipation via radiation.
---
## 3. Applications in Electronics
This specific heat sink is typically used for:
1. **Embedded Systems:** Cooling SoCs (System on Chips) on PCB boards.
2. **Network Switches:** Providing thermal relief for high-speed packet processors.
3. **Power Supplies:** Cooling MOSFETs or power regulators that generate significant localized heat.
---
## 4. Part Number Breakdown (Nomenclature)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **20** | Component Family / Series |
| **D** | Flared Fin Design |
| **05** | Dimension / Fin Configuration Identifier |
| **C2** | Blue Anodized Finish |
| **R0** | RoHS Compliant / Revision code |
- ⤷
What is the recommended Thermal Interface Material (TIM) for the ATS-20D series?
- ⤷ How does the pushPIN™ system compare to traditional adhesive mounting?
- ⤷ What are the specific airflow requirements (LFM) for optimal cooling with this model?