ATS-20D-124-C2-R0
AI

The **ATS-20D-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded bolts) |
| **Base Dimensions** | 50.00 mm x 50.00 mm |
| **Height** | 25.00 mm |
| **Thermal Resistance** | 0.90°C/W (at 200 LFM) |
| **Weight** | ~0.15 lbs / 68 grams |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
This part features a specialized mounting mechanism designed to ensure uniform pressure across the component being cooled.
* **Precision Springs:** Provides consistent "Force-to-Load" ratios.
* **Tool-less Installation:** Designed for quick assembly on printed circuit boards (PCBs).
### B. Pin Fin Geometry
Unlike traditional straight-fin heat sinks, the **Pin Fin** design is omnidirectional.
* **Cross-Flow Efficiency:** It is highly effective in environments where the direction of airflow is inconsistent or turbulent.
* **Surface Area:** The high density of pins maximizes the surface area for heat exchange without significantly increasing the weight.
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number usually denotes the inclusion of a pre-applied **Phase Change Material** or thermal pad.
* **T766 TIM:** This ensures that the microscopic gaps between the heat sink and the electronic chip are filled, reducing thermal impedance.
---
## 3. Applications in Electronics
This specific size and thermal profile are commonly used for:
1. **Network Switches/Routers:** Cooling ASICs and high-speed processors.
2. **Power Supplies:** Heat dissipation for MOSFETs and IGBTs.
3. **Industrial PCs:** Cooling embedded processors in fanless or low-airflow enclosures.
- ⤷
What are the compatible PCB hole patterns for the pushPIN attachment?
- ⤷ How does the 'Blue Anodized' finish impact thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with active cooling fans?