ATS-20D-150-C2-R0
AI

The **ATS-20D-150-C2-R0** is a high-performance thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-20D-150-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Dimension (L x W)** | 35.00mm x 35.00mm |
| **Height** | 25.00mm |
| **Fin Style** | Straight Fin (High density) |
| **Thermal Resistance** | 4.82 °C/W (@ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Component Analysis
### A. Mechanical Design
* **Form Factor:** The 35mm square footprint is a standard size for mid-range integrated circuits (BGA/PGA packages).
* **Push-Pin Mounting:** This part uses a mechanical push-pin system. This is superior to "clip-on" or "adhesive" methods because it provides constant, uniform pressure on the chip, improving thermal transfer and ensuring the heat sink stays attached during vibration or shipping.
### B. Material and Finish
* **Aluminum 6063:** Provides a high strength-to-weight ratio and excellent thermal conductivity.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer increases surface emissivity, which helps slightly with radiation cooling and protects the aluminum from oxidation and environmental corrosion.
### C. Thermal Performance
The "C2" in the part number indicates a specific thermal configuration. The straight-fin design is optimized for **forced-air cooling** (airflow from a fan). At an airflow of 100 LFM (Linear Feet per Minute), it can dissipate enough heat to keep sensitive electronics within their Operating Temperature range.
---
## 3. Usage Example
To integrate this into a PCB design, you would typically use the following footprints for the push-pin holes:
```markdown
Hole Diameter: 3.0mm
Hole Pitch (Spacing): ~41.0mm (standard for 35mm heatsinks)
```
---
- ⤷
What is the difference between T766 and other thermal interface materials?
- ⤷ How do I calculate if the 4.82 °C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes?