ATS-20D-16-C2-R0
AI

The **ATS-20D-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It belongs to the *maxiFLOW™* series produced by **Advanced Thermal Solutions (ATS)**.
---
### 1. Technical Specifications
The part number encodes specific mechanical and thermal characteristics. Here is the breakdown:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm |
| **Thermal Resistance** | 1.80°C/W (@ 200 LFM) |
| **Pressure Drop** | 0.12 inH2O (@ 200 LFM) |
| **Mounting Hole Pattern** | 47.00mm x 47.00mm |
---
### 2. Key Design Features
#### A. Fin Geometry (maxiFLOW™)
Unlike standard extruded heatsinks, the maxiFLOW design features a **flared fin structure**. This increases the surface area and maximizes air velocity, which significantly improves thermal performance in constrained spaces where airflow might be limited.
#### B. Attachment System (pushPIN™)
The part uses a **pushPIN™** mounting system. This is a specialized mechanical attachment that provides several benefits:
* **Constant Pressure:** A built-in spring ensures a consistent, high-pressure contact between the heatsink and the component, optimizing heat transfer.
* **Easy Installation:** It uses pre-drilled holes in the PCB, allowing for quick assembly without adhesives.
* **Reliability:** It is more secure than thermal tape in high-vibration or high-heat environments.
#### C. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the heatsink comes pre-applied with a **Thermal Interface Material** (usually a high-performance phase-change material or grease). This eliminates the air gaps between the chip and the heatsink base.
---
### 3. Application Use Cases
The ATS-20D-16-C2-R0 is commonly used in high-power density environments such as:
* **Network Switches/Routers:** Cooling high-speed ASICs.
* **Embedded Computing:** For processors in industrial computers.
* **Telecommunications:** Cooling FPGA and DSP chips.
* **Power Supplies:** Managing heat from MOSFETs or IGBTs.
---
### 4. Part Number Breakdown
```text
ATS - 20 - D - 16 - C2 - R0
| | | | | |
| | | | | +-- Revision/Standard Pack
| | | | +------- Thermal Interface (T766/Phase Change)
| | | +------------ Height (10mm)
| | +----------------- Fin Pitch/Style
| +---------------------- Serial/Family Number
+--------------------------- Advanced Thermal Solutions
```
- ⤷
What are the advantages of using pushPIN mounts over thermal adhesive?
- ⤷ How does the flared fin design compare to straight fin heatsinks in low-airflow environments?
- ⤷ Can this heatsink be customized for different PCB hole patterns?