ATS-20D-184-C2-R0
AI

The **ATS-20D-184-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Resistance (Flowing)** | 1.19 °C/W @ 200 LFM |
| **Thermal Resistance (Static)** | 4.11 °C/W (Natural Convection) |
| **Pressure Drop** | 0.12 in-H2O @ 200 LFM |
---
## 2. Key Component Features
### A. pushPIN™ Attachment
Unlike standard adhesive-based heat sinks, this model uses a **pushPIN™** system.
* **Mechanism:** It consists of a pin and a compression spring.
* **Benefit:** Provides consistent pressure across the interface, ensuring better thermal contact and reliability in high-vibration environments.
### B. Cross-Cut Fin Design
The heat sink features a **cross-cut** (or pin-fin-like) pattern.
* **Airflow:** This allows for multidirectional airflow, making it effective even if the air direction is not perfectly aligned with the fins.
* **Surface Area:** The design maximizes the surface area to volume ratio for efficient heat transfer.
### C. Blue Anodized Coating
The surface is treated with a blue anodized finish.
* **Durability:** Protects the aluminum from corrosion.
* **Emissivity:** Increases the radiant heat transfer capabilities compared to raw aluminum.
---
## 3. Thermal Interface Material (TIM)
The part number indicates it typically comes with **ATS-CPX-0521** or similar pre-applied thermal material. This ensures:
1. Elimination of air gaps between the component and the heat sink.
2. Immediate "out-of-the-box" installation without needing separate thermal paste.
---
## 4. Part Number Breakdown
The nomenclature `ATS-20D-184-C2-R0` can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **20:** Series designation.
* **D:** Specific attachment or hardware variation.
* **184:** Unique geometry and fin configuration ID.
* **C2:** Material/Finish code (typically Aluminum with Blue Anodization).
* **R0:** Revision or packaging code.
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does the thermal resistance change at different LFM (Linear Feet per Minute) speeds?
- ⤷ Is this heat sink compatible with standard 40mm fans for active cooling?